PART |
Description |
Maker |
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
19007-0081 |
.187X.032 FIQD FLAG V-O STRIP(BB-2225VZ) 16 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL
|
Molex, Inc.
|
NF-NF50 |
Coaxial Adapter, N-FEM to N-FEM
|
Mini-Circuits
|
NF-SF50 |
N-FEM to SMA-FEM
|
Mini-Circuits
|
AS3833-ZSOT AS3833-ZTQT |
6 channel high-precision LED cont rol ler for 3D-LCD backl ight with integrated step-up cont rol ler
|
ams AG
|
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
SKY77517-21 |
TX-RX iPAC FEM
|
Skyworks Solutions
|
IRFY430M-T257 |
Publications, Books RoHS Compliant: NA N-Channel Power MOSFET For HI-REL Application(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)(N沟道功率MOS场效应管,HI-REL应用(Vdss:500V,Id(cont):4.5A,Rds(on):1.65Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB]
|
NF-BM50 |
N-FEM to BNC-MALE
|
Mini-Circuits
|
STP36NF06FP STP36NF06 |
N-CHANNEL 60V - 0.032 OHM - 30A TO-220/TO-220FP STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.032 - 30A TO-220/TO-220FP STripFET II POWER MOSFET N沟道60V 0.032 - 30ATO-220/TO-220FP STripFET二功率MOSFET N-channel 60V - 0.032з - 30A - TO-220/TO-220FP STripFET⑩ II Power MOSFET N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
354741 |
Fem.Connector F48 flat Solder
|
ERNI Electronics
|